|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tel Fax email (44) 0118 979 1238 (44) 0118 979 1283 info@actcrystals.com ACT9200 The ACT9200 family is a miniature low profile Surface Mount package, housed in a ceramic leadless chip carrier with a seam welded metal lid. This 7 x 5mm device can be used in a wide range of applications where board space dictates small size and automatic assembly is a requirement. It is suitable for design into many applications including Communications equipment, Audio Visual units, Measuring Instruments and many more Parameter Supply Voltage Frequency Range Frequency Stability Temp Operating Range Temp Storage Range Supply Current (max) Symbol VDD fo f/fo Topr Tstg Iop 3.3VDC 10% 1.000 ~ 155.00MHz Specification 5.0VDC 10% 1.500 ~ 106.250MHz (& 15ppm 3.3V) Please specify Condition 16mA 25mA 40mA 50mA 25ppm ~ 100ppm 0 ~ +70C Std ( -40 ~ +85C available) -55 to +125C (1.000 ~ 34.999MHz) 20mA (1.50 ~ 23.90MHz) (35.000 ~ 60.00MHz) 40mA (24.00 ~ 49.99MKHz) (60.001 ~ 99.999MHz) 50mA (50.00 ~ 59.90MHz) (100.00 ~ 155.00MHz) 60mA (90.00 ~ 99.90MHz) Duty Cycle Output Level `0' Output Level `1' Rise & Fall Time (max) Tw/t VOH VOL Tr/Tf Output Load Star-up Time Enable / Disable Function (Pin 1 : E/D Control Pin) (Pin 3 : Output Pin) Aging Period Jitter (Absolute) Period Jitter (one sigma) 80mA (100.00 ~ 106.25MHz) 40/60% ( 45/55% available) 0.4VDC max (TTL) 10% VDD max (HCMOS) 2.4VDC min (TTL) 90% VDD min (HCMOS) 10nS (1.000 ~ 34.999MHz) 10nS (1.50 ~ 49.999MHz) 5nS (35.00 ~ 99.999MHz) 5nS (50.00MHz ~ 70.00MHz) 2.5nS x (100.00 ~ 157.00MHz) 3nS (100.00 ~ 106.25MHz) 10TTL / 15pF (30pF available) 10mS max Pin 1 Pin 3 OPEN Active 2.2V Active 0.8V High Impedance 3ppm, 5ppm / year max 100pS max 25pS max 7.0 + 0.2 - Please specify Please specify @25C Pin connections #1 #2 #3 #4 Tri-State Ground Output Vdd 6.45 + 0.2 6.2 + 0.2 1.7 + 0.2 5.08 Dimensions in mm 5.0 + 0.2 - 5.08 #2 #1 1.2 2.6 2.0 4.2 #4 1.4 1.8 Suggested Footprint Please note that not all parameters can necessarily be specified in a single device ISO9002 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK www.advancedcrystaltechnology.com Issue 1 D2 18/7/02 |
Price & Availability of ACT9200 |